Part Number Hot Search : 
58110 L6000 SA5222D M12864 UT54A D5050UK C2BXTE20 TS154
Product Description
Full Text Search
 

To Download MTD3055VL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MTD3055VL
August 1999 DISTRIBUTION GROUP*
MTD3055VL
General Description
N-Channel Logic Level Enhancement Mode Field Effect Transistor
Features
12 A, 60 V. RDS(ON) = 0.18 @ VGS = 5 V Critical DC electrical parameters specified at elevated temperature. Low drive requirements allowing operation directly from logic drivers. Vgs(th) < 2 V. Rugged internal source-drain diode can eliminate the need for an external Zener diode transient suppressor. 175C maximum junction temperature rating.
This N-Channel Logic Level MOSFET has been designed specifically to improve the overall efficiency of DC/DC converters using either synchronous or conventional switching PWM controllers. These MOSFETs feature faster switching and lower gate charge than other MOSFETs with comparable RDS(ON) specifications. The result is a MOSFET that is easy and safer to drive (even at very high frequencies), and DC/DC power supply designs with higher overall efficiency.
'
* 6
72
'
* 6
R
$EVROXWH 0D[LPXP 5DWLQJV
6\PERO
W '66 W *66 D' 9hvT prAWyhtr B hrTprAWyhtr
AAAAAAAU &2!$ 8 AyrAur vrArq
3DUDPHWHU
5DWLQJV
%
8QLWV
W W 6
!

H hv A9hvA8rAAAA8vAAAAAAAAAAAAAAAIrA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAU & A2A H hv A9hvA8rAAAAQyrq 8AAAAAAAAIrA
! ' #!
R
Q'
H hv AQ rA9vvhvA5 AAU & A2A!$ 8AAAAAAAAAIrA
AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAU
R R
h i
#' "( $ $$AA &$
X
$A2A!$
R
8AAAAAAAAAAAIrA
AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAU $ A2A!$ 8AAAAAAAAAAAIrA U -AU 67* P rhvtAhqAThtrAEpvAUr rhrAShtr
8
7KHUPDO &KDUDFWHULVWLFV
S -& S -$ Uur hyAS rvhprAEpvA8hrAAAAAAAAAAAAAAIrA Uur hyAS rvhprAEpvA6 ivrAAAAAAAAAIrA
h
" &
" #
8X 8X
3DFNDJH 0DUNLQJ DQG 2UGHULQJ ,QIRUPDWLRQ
9r vprAHhxvt H U9"$$WG 9r vpr H U9"$$WG SrryATvr " UhrA vqu % R hv !$

9vrAhqAhshpvtAp rAiwrpAApuhtrA vuAvAvsvphv
1999 Fairchild Semiconductor Corporation
MTD3055VL Rev. A
MTD3055VL
(OHFWULFDO &KDUDFWHULVWLFV
6\PERO 3DUDPHWHU
U A2A!$8AyrAurvrArq
&
7HVW &RQGLWLRQV
IrA!
0LQ
7\S
0D[
8QLWV
'5$,16285&( $9$/$1&+( 5$7,1*6
9TT TvtyrAQyrA9hvTpr 6hyhpurA@rt D6S
W99A2A!$AWAD9A2A
!A6
&!
E
HhvA9hvTprA6hyhpurA8r
!
6
2II &KDUDFWHULVWLFV
7W9TT 9hvTprA7rhxqAWyhtr 7rhxqAWyhtrAUrrhr 8rssvpvr arABhrAWyhtrA9hvA8r WBTA2AAWAD9A2A!$A D9A2A!$A
6
% $#
W W 8
7W9TT U
E
6ASrsrrprqAA!$8
D9TT
W9TA2A%AAWAWBTA2AAW W9TA2A%AWAWBTA2AAWAUEA2A $ 8
6
6

DBTTA
Bhr7qAGrhxhtrA8r Ahq
WBTA2A
$AWAW9TA2AAW
DBTTS
Bhr7qAGrhxhtrA8r Srrr
WBTA2A
$AWAW9TA2AAW
6
2Q &KDUDFWHULVWLFV
WBTu
IrA!
BhrAUuruyqAWyhtr BhrAUuruyqAWyhtr UrrhrA8rssvpvr ThvpA9hvTpr PSrvhpr
W9TA2AWBTAD9A2A!$A D9A2A!$A
6
$ !%
!
W W 8
WBTu U
E
6ASrsrrprqAA!$8
S9T
WBTA2A$AWAD9A2A%A6
'
W
W9T
9hvTprAPWyhtr PSrvhpr
WBTA2A$AWAD9A2A
!A6 $ 8 $
!%
AAAAAAAAAAAAAAAAAD9A2A%A6AUEA2 W9TA2A'AWAD9A2A%A6
!$ T
tAT
AhqAUhpqphpr
'\QDPLF &KDUDFWHULVWLFV
8v 8 8 DA8hhpvhpr PA8hhpvhpr SrrrAUhsrA8hhpvhpr
IrA!
W9TA2A!$AWAWBTA2AAW sA2A AHC
$& % #
A A A
6ZLWFKLQJ &KDUDFWHULVWLFV
q qss s Rt Rt Rtq UPA9ryhAUvr UPASvrAUvr UPssA9ryhAUvr UPssAAhyyAUvr UhyABhrA8uhtr BhrTprA8uhtr Bhr9hvA8uhtr
W99A2A"AWAD9A2A
!A6 A
!
8 8 8
WBTA2A$AWASB@IA2A(
( " (
W9TA2A#'AW D9A2A !A6AWBTA2A$AW ! %
'UDLQ6RXUFH 'LRGH &KDUDFWHULVWLFV DQG 0D[LPXP 5DWLQJV
DT DTH WT9 HhvA8vA9hvTprA9vqrAAhqA8rAAIrA! HhvAQyrqA9hvTprA9vqrAAhqA8rAAAAAAAAAIrA! 9hvTprA9vqrAAhq Wyhtr 9hvTprASrrrASrpr DAA2A !A6AqvqA2A 6 WBTA2AAWADTA2A !A6AAAAAAAAAAIrA! ! #! " 6 6 W
$
T
Uvr Notes: 1. RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the drain tab.
RJC is guaranteed by design while RCA is determined by the user's board design.
a) RJA= 38oC/W when mounted on a 1 in2 pad of 2oz copper.
b) RJA= 96oC/W when mounted on a minimuim pad.
Scale 1 : 1 on letter size paper 2. Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%
MTD3055VL Rev. A
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM FAST (R)
DISCLAIMER
FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM I2CTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM
OPTOLOGIC (R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench (R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER (R)
SMART STARTTM SPMTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET (R)
VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life systems which, (a) are intended for surgical implant into support device or system whose failure to perform can the body, or (b) support or sustain life, or (c) whose be reasonably expected to cause the failure of the life failure to perform when properly used in accordance support device or system, or to affect its safety or with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. H7


▲Up To Search▲   

 
Price & Availability of MTD3055VL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X